Part Number Hot Search : 
HSDL1001 22100 1SS35 200BG 64GA108 2SA107 KIA78R09 HER105P
Product Description
Full Text Search
 

To Download IXFV74N20P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PolarHTTM HiPerFET Power MOSFET
N-Channel Enhancement Mode Fast Recovery Diode, Avalanche Rated
Preliminary Data Sheet
IXFH 74N20P IXFV 74N20P IXFV 74N20PS
VDSS ID25 trr
RDS(on)
= = =
200 74 34 200
V A m ns
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL FC Md Weight
Test Conditions TJ = 25C to 175C TJ = 25C to 175C; RGS = 1 M Continuous Transient TC = 25C TC = 25C, pulse width limited by TJM TC = 25C TC = 25C TC = 25C IS IDM, di/dt 100 A/s, VDD VDSS, TJ 150C, RG = 4 TC = 25C
Maximum Ratings 200 200 20 30 74 200 60 40 1.0 10 480 -55 ... +175 175 -55 ... +150 V V V V A A A mJ J V/ns
TO-247 (IXFH)
G D S
D (TAB)
PLUS220 (IXFV)
G W C C C C C
D
S
D (TAB)
PLUS220SMD (IXFV-PS)
1.6 mm (0.062 in.) from case for 10 s Plastic body for 10 s Mounting Force Mounting torque TO-247 PLUS220 (PLUS220) (TO-247)
300 250
1.13/10 Nm/lb.in. 1.13/10 Nm/lb.in. 6.0 4.0 g g
G S G = Gate S = Source D = Drain TAB = Drain D (TAB)
Features Symbol Test Conditions (TJ = 25C, unless otherwise specified) VDSS VGS(th) IGSS IDSS RDS(on) VGS = 0 V, ID = 250 A VDS = VGS, ID = 250A VGS = 20 VDC, VDS = 0 VDS = VDSS VGS = 0 V TJ = 125C Characteristic Values Min. Typ. Max. 200 2.5 5.0 100 25 250 34 V V nA A A m Advantages Easy to mount Space savings High power density
DS99209(09/04)
International standard packages Unclamped Inductive Switching (UIS) rated Low package inductance - easy to drive and to protect
VGS = 10 V, ID = 0.5 ID25 Pulse test, t 300 s, duty cycle d 2 %
(c) 2004 IXYS All rights reserved
IXFH 74N20P IXFV 74N20P IXFV 74N20PS
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) Min. Typ. Max. 30 44 3300 VGS = 0 V, VDS = 25 V, f = 1 MHz 800 190 23 VGS = 10 V, VDS = 0.5 VDSS, ID = ID25 RG = 4 (External) 21 60 21 107 VGS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25 24 52 S pF pF pF ns ns ns ns nC nC nC 0.31 K/W (TO-247, PLUS220) 0.21 K/W
Terminals: 1 - Gate 2 - Drain
1 2 3
TO-247 (IXFH) Outline
gfs Ciss Coss C rss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS= 10 V; ID = 0.5 ID25, pulse test
Dim.
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM PLUS220SMD (IXFV-PS) Outline
E E1 L2 A A1 E1
Test Conditions VGS = 0 V Repetitive
Characteristic Values (TJ = 25C, unless otherwise specified) Min. typ. Max. 74 180 1.5 120 0.4 6 A A V
Millimeter Min. Max. A 4.7 5.3 A1 2.2 2.54 A2 2.2 2.6 b 1.0 1.4 1.65 2.13 b1 b2 2.87 3.12 C .4 .8 D 20.80 21.46 E 15.75 16.26 e 5.20 5.72 L 19.81 20.32 L1 4.50 P 3.55 3.65 Q 5.89 6.40 R 4.32 5.49 S 6.15 BSC
Inches Min. Max. .185 .209 .087 .102 .059 .098 .040 .055 .065 .084 .113 .123 .016 .031 .819 .845 .610 .640 0.205 0.225 .780 .800 .177 .140 .144 0.232 0.252 .170 .216 242 BSC
IF = IS, VGS = 0 V, Pulse test, t 300 s, duty cycle d 2 % IF = 25 A, -di/dt = 100 A/s VR = 100 V
PLUS220 (IXFV) Outline
E E1 L2 A A1 E1
200 ns C A
L1 L D L3
D1
2X e
3X b
c
A2
Terminals: 1-Gate 2-Drain
D A3 L3 L L1 2X b e c A2 L4
Terminals: 1-Gate 2-Drain
A A1 A2 A3 b c D D1 E E1 e L L1 L2 L3 L4
A A1 A2 b c D D1 E E1 e L L1 L2 L3
5,237,481 5,381,025 5,486,715 6,162,665 6,259,123 B1 6,306,728 B1 6,404,065 B1 6,534,343 6,583,505 6,683,344 6,710,405B2 6,710,463 6,727,585
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or moreof the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117
IXFH 74N20P IXFV 74N20P IXFV 74N20PS
Fig. 1. Output Characteristics @ 25C
80 70 60 VGS = 10V 9V 8V 200 180 160 140 8V 7V VGS = 10V 9V
Fig. 2. Extended Output Characteristics @ 25C
I D - Amperes
50 40 30 20 10 0 0 0.5 1 1.5
I D - Amperes
7V
120 100 80 60 40
6V
6V 5V
5V
20 0
2
2.5
3
3.5
0
2
4
6
8
10
12
14
16
18
20
V D S - Volts Fig. 3. Output Characteristics @ 150C
80 70 60 VGS = 10V 9V 8V 7V 3 VGS = 10V 2.6
V D S - Volts Fig. 4. RDS(on) Norm alized to 0.5 ID25 Value vs. Junction Tem perature
R D S ( o n ) - Normalized
I D - Amperes
50 40 30 20 10 0 0 1 2 3 4
2.2 1.8 1.4 1 0.6 I D = 74A I D = 37A
6V
5V
5
6
7
-50
-25
0
25
50
75
100
125
150
175
V D S - Volts Fig. 5. RDS(on) Norm alized to
5 4.5
TJ - Degrees Centigrade Fig. 6. Drain Current vs. Case Tem perature
0.5 ID25 Value vs. ID
VGS = 10V TJ = 175C
80 70 60
R D S ( o n ) - Normalized
4 3.5 3 2.5 2 1.5 1 0.5 0 20 40 60 VGS = 15V
I D - Amperes
50 40 30 20
VGS = 10V
TJ = 25C 80 100 120 140 160 180 200
10 0
I D - Amperes
-50
-25
0
TC - Degrees Centigrade
25
50
75
100
125
150
175
(c) 2004 IXYS All rights reserved
IXFH 74N20P IXFV 74N20P IXFV 74N20PS
Fig. 7. Input Adm ittance
100 90 80 50 TJ = -40C 25C 150C 60
Fig. 8. Transconductance
60 50 40 30 20 10 0 3.5 4 4.5 5 5.5 6 6.5 7 TJ = 150C 25C -40C
g f s - Siemens
70
I D - Amperes
40
30
20
10
0 0 20 40 60 80 100 120
V G S - Volts Fig. 9. Source Current vs. Source-To-Drain Voltage
200 180 160
I D - Amperes Fig. 10. Gate Charge
10 9 8 7 VDS = 100V I D = 37A I G = 10mA
I S - Amperes
140
VG S - Volts
TJ = 150C TJ = 25C
120 100 80 60 40 20 0 0.4 0.6 0.8
6 5 4 3 2 1 0
V S D - Volts
1
1.2
1.4
0
10
20
30
40
50
60
70
80
90 100 110
Q G - nanoCoulombs Fig. 12. Forw ard-Bias Safe Operating Area
1000 C iss TJ = 175C R DS(on) Limit TC = 25C 25s 100s 1ms 10 C rss 10ms DC
Fig. 11. Capacitance
10000 f = 1MHz
Capacitance - picoFarads
I D - Amperes
35 40
100
1000
C oss
100 0 5 10 15
1
V D S - Volts
20
25
30
10
V D S - Volts
100
1000
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFH 74N20P IXFV 74N20P IXFV 74N20PS
Fig . 13. M axim u m T r an s ie n t T h e r m al Re s is tan ce
1.00
R( t h ) J C - C / W
0.10
0.01 1 10 100 1000
Puls e W idth - millis ec onds
(c) 2004 IXYS All rights reserved


▲Up To Search▲   

 
Price & Availability of IXFV74N20P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X